Part Number Hot Search : 
KBJ1501 S78L08F TC5514 2832603 BYQ28E GSIB1520 GPAF801 5KPA45CA
Product Description
Full Text Search
 

To Download 2SD669 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD669/2SD669A
NPN Epitaxial Planar Transistors
P b Lead(Pb)-Free
1. EMITTER 2. COLLECTOR 3. BASE
1
2
3
TO-126C
ABSOLUTE MAXIMUM RATINGS(TA=25C) Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Power Disspation Junction Temperature Storage , Temperature Symbol VCBO VCEO VEBO IC PD Tj Tstg 2SD669 180 120 5.0 1.5 1.0 150 -55 to +150 2SD669A 180 160 5.0 Unit V V V A W C C
WEITRON
http://www.weitron.com.tw
1/5
18-Oct-05
2SD669/2SD669A
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) (Countinued) Characteristics Collector-Emitter Breakdown Voltage IC = 1.0mA, IE = 0 Collector-Base Breakdown Voltage 2SD669 IC = 10mA, IB = 0 2SD669A Emitter-Base Breakdown Voltage IC = 0, IE = 1.0mA Collector Cutoff Current VCB = 160V, IE=0 Emitter Cutoff Current VEB = 4.0V, IC=0 ON CHARACTERISTICS DC Current Gain VCE = 5.0V, IC = 150mA VCE = 5.0V, IC = 500mA Collector-Emitter Saturation Voltage IC = 500mA, IB = 50mA Base-Emitter ON Voltage VCE = 5.0V, IC = 150mA Transition frequency VCE = 5.0V, IC = 150mA Collecotr Output Capacitance VCB = 10V, IE = 0, f = 1MHz CLASSIFICATION OF hFE(1) Rank Range 2SD669 2SD669A B 60-120 60-120 2SD669 2SD669A hFE(1) 60 60 30 140 14 320 200 1.0 1.5 V V MHz pF Symbol V(BR)CBO Min 180 120 160 5.0 Typ Max Unit V
V(BR)CEO V(BR)EBO ICBO IEBO
-
10 10
V V A mA
-
hFE(2) VCE(sat) VBE(ON) fT Cob
-
C
100-200 100-200
D 160-320 -
WEITRON
http://www.weitron.com.tw
2/5
18-Oct-05
2SD669/2SD669A
30 Collector power dissipation PC (W) 3 Collector current IC (A) 1.0 0.3 0.1 0.03 0.01 2SD669 1 3 10 30 100 DC Operation(TC = 25C) (120 V, 0.04 A) (160 V, 0.02A) 2SD669A 300 (13.3 V, 1.5 A) (40 V, 0.5 A)
20
10
0
50
100
150
Fig.1 Maximum Collector Dissipation Curve
1.0 0.8 0.6 0.4 0.2
50 5. 5.4.5 .0 4 3.5 3.0 2.5
Case temperature TC (C)
Fig.2 Area of Safe Operation
500 Collector current IC (mA)
Collector to emitter voltage VCE (V)
Collector current IC (A)
P
TC = 25C
200 100
VCE = 5 V
C
=
1.5
1 .0
10 5 2 1 0
0.5 mA
IB = 0
0
Fig.3 Typical Output Characteristecs
10 20 30 40 50 Collector to emitter voltage VCE (V)
Fig.4 Typical Transfer Characteristics
Collector to emitter saturation voltage VCE(sat) (V)
0.2 0.4 0.6 0.8 1.0 Base to emitter voltage VBE (V)
300 DC current transfer ratio hFE 250 200 150 100 50 1
75C Ta =
1.2 1.0 0.8 0.6
IC = 10 IB
25
-25
25 -25
20
Ta = 75C
2.0
20
W
50
VCE = 5 V 1 3 10 100 300 1,000 3,000 30 Collector current IC (mA)
0.2 0
1
3
Fig.5 DC Current Transfer Ratio vs. Collector Current
10 30 100 300 Collector current IC (mA)
Fig.6 Collector to Emitter Saturation Voltage vs. Collector Current
WEITRON
http://www.weitron.com.tw
3/5
-2 25 5
T
C
=7
0.4
5 C
1,000
18-Oct-05
2SD669/2SD669A
1.2 Base to emitter ON voltage VBE( ON ) (V) 1.0 0.8 0.6 0.4 0.2 0
Gain bandwidth product fT (MHz)
IC = 10 IB
25C TC = - 25 75
240 200 160 120 80 40 0 10
VCE = 5 V Ta = 25C
1
3
10 30 100 300 Collector current IC (mA)
1,000
30 100 300 Collector current IC (mA)
1,000
Fig.7 Base to Emitter ON Voltage vs. Collector Current
Fig.8 Gain Bandwidth Product vs. Collector Current
Collector output capacitance Cob (pF)
200 100 50 20 10 5 2 f = 1 MHz IE = 0
1
10 2 5 20 50 100 Collector to base voltage VCB (V)
Fig.9 Collector Output Capacitance vs. Collector to Base Voltage
WEITRON
http://www.weitron.com.tw
4/5
18-Oct-05
2SD669/2SD669A
TO-126C Outline Dimensions
unit:mm
TO-126C
Dim A A1 b b1 c D E e e1 L L1 P 1 2 Min 3.000 1.800 0.660 1.170 0.450 7.800 10.800 4.460 15.100 1.300 4.040 2.700 3.100 Max 3.400 2.200 0.860 1.370 0.600 8.200 11.200 4.660 15.500 1.500 4.240 2.900 3.300
2.280 TYP
WEITRON
http://www.weitron.com.tw
5/5
18-Oct-05


▲Up To Search▲   

 
Price & Availability of 2SD669

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X